PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA114YEF PDTA114YT PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=10千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTA113E PDTA113EE PDTA113EK PDTA113EM PDTA113ES P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PUMD17 PEMD17 PEMD17-PUMD17-15 |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW PEMD17; PUMD17; NPN/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm
|
NXP Semiconductors Philips Semiconductors
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
PEMB1 PEMB1_1 |
From old datasheet system PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm PNP resistor-equipped transistors; R1 = 22 kohm/ R2 = 22 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTC114E PDTC114EE PDTC114EEF PDTC114EK PDTC114EM |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm NPN配电阻型晶体R1=10千欧姆,R2=10千欧 NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ NPN resistor-equipped transistor; R1 = 10 k楼?, R2 = 10 k楼?
|
NXP Semiconductors N.V.
|
PDTA144 PDTA144EE |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|
PDTA144EK PDTA144 |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|